Part Number Hot Search : 
GS100 EPB5208G FM303L A3VREA KT890P15 338M00 MAB8035 21100
Product Description
Full Text Search
 

To Download AM1331P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications are dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. v ds (v) r ds(on) (ohm) i d (a) 0.112 @ v gs = -10v -1.5 0.172 @ v gs = -4.5v -1.2 product summary -30 ? low r ds(on) provides higher efficiency and extends battery life ? low thermal impedance copper leadframe sc70-3 saves board space ? fast switching speed ? high performance trench technology notes a. surface mounted on 1? x 1? fr4 board. b. pulse width limited by maximum junction temperature d s g symbol maximum units v ds -30 v gs 20 t a =25 o c -1.5 t a =70 o c -1.2 i dm -2.5 i s 0.28 a t a =25 o c 0.34 t a =70 o c 0.22 t j , t stg -55 to 150 o c continuous source current (diode conduction) a absolute maximum ratings (t a = 25 o c unless otherwise noted) parameter pulsed drain current b v gate-source voltage drain-source voltage continuous drain current a i d a power dissipation a p d operating junction and storage temperature range w symbol maximum units t <= 5 sec 375 steady-state 430 thermal resistance ratings parameter o c/w maximum junction-to-ambient a r thja 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com AM1331P product specification
AM1331P notes a. pulse test: pw <= 300us duty cycle <= 2%. b. guaranteed by design, not subject to production test ing. c. repetitive rating, pulse width limited by junction t emperature. min typ max gate-threshold voltage v gs(th) v ds = v gs , i d = -250 ua -1 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na v ds = -24 v, v gs = 0 v -1 v ds = -24 v, v gs = 0 v, t j = 55 o c -10 on-state drain current a i d(on) v ds = -5 v, v gs = -10 v -5 a v gs = -10 v, i d = -1.5 a 112 v gs = -4.5 v, i d = -1.2 a 172 forward tranconductance a g fs v ds = -5 v, i d = -1.5 a 9 s diode forward voltage v sd i s = -0.46 a, v gs = 0 v -0.65 v total gate charge q g 7.2 gate-source charge q gs 1.7 gate-drain charge q gd 1.5 turn-on delay time t d(on) 10 rise time t r 9 turn-off delay time t d(off) 27 fall-time t f 11 r ds(on) m ? unit v dd = -10 v, i l = -1 a, v gen = -4.5 v, r g = 6 ? ns dynamic b v ds = -10 v, v gs = -5 v, i d = -1.5 a nc drain-source on-resistance a specifications (t a = 25 o c unless otherwise noted) ua i dss zero gate voltage drain current static test conditions symbol parameter limits product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of AM1331P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X